Part Number Hot Search : 
A143E XE1050 HRW0202 CXD2424R LM33905 BL8068 2SD400 13600
Product Description
Full Text Search
 

To Download 0473002100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0473002100 Active
slimline_serial_ata_odd_connectors 1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle for Optical Disk Drive, Right Angle, Standard Type
Documents: 3D Model Drawing (PDF)
Product Specification PS-47300-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR 19980 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA
General
Product Family Series Application Comments Overview Product Name PCB Receptacles 47300 Board-to-Board Screw version slimline_serial_ata_odd_connectors Serial ATA, Slimline Serial ATA
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Stackable Temperature Range - Operating 13 13 Black 500 94V-0 No Yes Yes No Copper Alloy Gold Tin High Temperature Thermoplastic 1 Right Angle 0.000 In 0.00 mm Yes Yes 0.000 In 0.00 mm Embossed Tape on Reel 0.039 In, 0.050 In 1.00 mm, 1.27 mm 0.039 In, 0.050 In 1.00 mm, 1.27 mm 15 0.38 40 1 Yes Yes No -35C to +85C
Search Parts in this Series 47300Series Mates With 473001xxx Slimline Serial ATA Plugs
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact Grounding to PCB Voltage - Maximum 1.5A Yes 15V DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-47300-001 SD-47300-200
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0473002100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X